PART |
Description |
Maker |
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|
2BZX84C39A 2BZX84C8V2A 2BZX84C12A 2BZX84C3V9A 2BZX |
surface mount silicon Zener diodes 硅表面贴装齐纳二极管 FUSEHOLDER SLOT 5MM RA .187QC 表面安装双硅平面稳压二极 Dual Surface Mount Silicon Planar Zener Diodes
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
1SMB5930 1SMB5941 1SMB5940 1SMB5927 1SMB5950 1SMB5 |
22 V, 1.5 W, surface mount silicon zener diode 33 V, 1.5 W, surface mount silicon zener diode UMK-SE11,25-1 CONN, HEADER, 8PIN, SGL ROW, 0.138"LS, RTANGL, PCB MNT 表面贴装硅稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 27 V, 1.5 W, surface mount silicon zener diode
|
TRANSYS Electronics Limited Transys Electronics Ltd. Transys Electronics, Ltd. TRSYS
|
DZ23C8V2 DZ23C24 DZ23C15 DZ23C51 DZ23C3V0 DZ23C2V7 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 300mW DUAL SURFACE MOUNT ZENER DIODE
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
1N4480 1N4481 1N4482 1N4483 1N4484 1N4485 1N4486 1 |
Zener-Diode 0.5W, 5%, DO-35 RoHS Compliant: Yes surface mount silicon Zener diodes 7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 30 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 62 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE TVFKCL 1,5/ 4-ST TVFKCL 1,5/ 3-ST 1.5 WATT GLASS ZENER DIODES 1.5 WTT GLASS ZENER DIODES Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MMBZ5221B10 MMBZ5223B-7-F MMBZ5231B-7-F |
350mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 2.7 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diodes Incorporated Diodes, Inc.
|
SMBG5357B SMBG5367B SMBJ5367B SMBJ5335B SMBG5358B |
5 Watt Surface Mount Silicon Zener Diodes surface mount silicon Zener diodes 20 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-215AA
|
Micro Commercial Compon... Micro Commercial Components, Corp.
|
BZV55C15 BZV55C22 BZV55C2V410 BZV55C6V8 BZV55C9V1 |
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
BZX2C15V BZX2C8V2 BZX2C7V5 BZX2C6V2 BZX2C4V7 BZX2C |
2 Watt Zener Diode 3.6 to 200 Volts 8.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 68 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 18 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 surface mount silicon Zener diodes 100 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 11 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 7.5 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 24 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 62 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1N4745A 1N4729A 1N4728A 1N4734A 1N4747A 1N4756A 1N |
1W 5% DO-41 ZENER DIODE PTDA 1,5/ 2-PH-3,5 surface mount silicon Zener diodes 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Diodes for Stabilized Power Supply
|
RECTRON LTD RECTRON[Rectron Semiconductor] http:// Hitachi Semiconductor
|
|